|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Continental Device India Limited An IS/ISO 9002 and IECQ Certified Manufacturer IS/ISO 9002 Lic# QSC/L-000019.3 NPN SILICON PLANAR EPITAXIAL TRANSISTOR PIN CONFIGURATION (NPN) 1 = BASE 2 = EM ITTER 3 = COLLECTOR CSD1306 (SAW) 3 SOT-23 Formed SMD Package 1 2 Marking CSD1306E=06 ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Collector Current Peak Power Dissipation @ Ta=25C Operating and Storage Junction Temperature Range SYMBOL VCBO VCEO VEBO IC ICP PD Tj, Tstg VALUE 30 15 5 700 1 200 - 55 to +150 UNITS V V V mA A mW C Electrical Characterstics (Ta=25C unless specified otherwise) DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Cut off Current Emitter Cut off Current Base Emitter On Voltage Collector Emitter Saturation Voltage DC Current Gain Transition Frequency Output Capacitance Input Capacitance hFE Classification CSD1306ERev_3 300103E SYMBOL VCBO VCEO VEBO ICBO IEBO VBE (on) VCE (sat) hFE fT Cob Cib CONDITIONS IC=10A, IE=0 IC=10mA, IB=0 IE=1A, IC=0 VCB=20V, IE=0 VEB=5V, IC=0 VCE =1V, IC=150mA IC=500mA, IB=50mA VCE =1V, IC=150mA VCE=1V, IC=150mA, VCB=10V, f=1MHz VEB=0.5V, IC=0, f=1MHz D : 250 - 500 E : 300 - 800 MIN 30 15 5 TYP MAX UNIT V V V A A V V 1.0 1.0 1.0 0.5 250 250 10 100 F : 600 -1200 1200 MHz pF pF Continental Device India Limited Data Sheet Page 1 of 3 CSD1306 (SAW) SOT-23 Formed SMD Package SOT-23 Formed SMD Package 0.05 2.50 0.02 0.60 0.025 1.30 0.02 0.60 SOT-23 Package Reel Information Reel Specifications for W Packing (13") and 7" 14.4 MAX o100.00.5 / o 54.5 0.5 o329.20.5 / 178 0.5 7.9 - 10.9 9.20.5 1 0 2 .0 5 20 .9 0 5 .0 10 .9 cL 3 00 .4 + .0 08 -0 2 .0 3 3 o20.2 MIN +0.5 -0.2 o13.0 0.02 0.60 1.30 7 0.08 P R I G LN A TN IE R .08 O .0 01 02 .1 4" 0.02 0.60 2.00.5 0.08 .0 02 00 .6 R0.08 NOTES: 6 0.21 5 7 0.05 2.50 3" 1. 2. 3. 4. 5. No. of Devices The bandolier of 330 mm reel contains at least 10,000 devices. The bandolier of 180 mm reel contains at least 3,000 devices. No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. Three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there. 8mm Tape Size of Reel 330 mm (13") 10,000 Pcs 8mm Tape Size of Reel 180 mm (7") 3,000 Pcs Tape Specification for SOT-23 Surface Mount Device 0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 1.0 3.15 0.05 1.55 0.10 2.77 0.1 1.22 1.6 MAX .0 04 06 .0 .0 5 02 05 .9 Direction of Unreeling All dimensions in mm Packing Detail PACKAGE Details SOT-23 T&R 3K/ reel 10K/ reel CSD1306ERev_3 300103E STANDARD PACK Net Weight/ Qty 136 gm/ pcs 3K 415 gm/ 10K pcs Size INNER CARTON BOX Qty 12 K 51 K 10 K Size OUTER CARTON BOX Qty 192 K 408 K 300 K Gr Wt 12 kgs 28 kgs 16 kgs 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" Continental Device India Limited Data Sheet Page 2 of 3 FIXING TAPE LEADER DETAIL X All dimensions in mm 330 / 180 mm - Antistatic Coated Plastic Reel TRAILER 2 180 or 330 Notes CSD1306 (SAW) SOT-23 Formed SMD Package Disclaimer The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150 Fax + 91-11-2579 9569, 2579 5290 e-mail sales@cdil.com www.cdil.com, www.cdilsemi.com CSD1306ERev_3 300103E Continental Device India Limited Data Sheet Page 3 of 3 |
Price & Availability of CSD1306E |